Part Number Hot Search : 
043045 SG1468 WM871806 4000T HFA11 ZXGD310 ISL6522A 50N10
Product Description
Full Text Search
 

To Download IXFH110N10P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 100 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 100 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c 110 a i d(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 250 a i ar t c = 25 c60a e ar t c = 25 c40mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 480 w t j -55 ... +175 c t jm 175 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus220) 11..65 / 2.5..15 n/lb weight to-247 6 g plus220 4 g g = gate d = drain s = source tab = drain ds99212e(01/06) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 100 v v gs(th) v ds = v gs , i d = 4 ma 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 150 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 15 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm hiperfet power mosfet v dss = 100 v i d25 =110a r ds(on) 15 m ? ? ? ? ? t rr 150 ns n-channel enhancement mode fast intrinsic diode avalanche rated features l fast intrinsic diode l international standard packages l unclamped inductive switching (uis) rated l low package inductance - easy to drive and to protect advantages l easy to mount l space savings l high power density ixfh 110n10p ixfv 110n10p ixfv 110n10ps g d s to-247 (ixfh) (tab) g s d plus220 (ixfv) d (tab) g s d (tab) plus220smd (ixfv...s)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 110n10p ixfv110n10p ixfv 110n10ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 30 40 s c iss 3550 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1370 pf c rss 440 pf t d(on) 21 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 60 a 25 ns t d(off) r g = 4 ? (external) 65 ns t f 25 ns q g(on) 110 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 25 nc q gd 62 nc r thjc 0.31 c/w r thcs (to-247) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 110 a i sm repetitive 250 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a, -di/dt = 100 a/ s 150 ns q rm v r = 50 v, v gs = 0 v 0.6 c to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 plus220 (ixfv) outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6771478 b2 plus220smd (ixfv_s) outline
? 2006 ixys all rights reserved fig. 2. extended output characteristics @ 25 o c 0 20 40 60 80 100 120 140 160 180 200 220 012345678910 v d s - volts i d - amperes v gs = 10v 7v 6v 8v 9v fig. 3. output characteristics @ 150 o c 0 10 20 30 40 50 60 70 80 90 100 110 0 0.5 1 1.5 2 2.5 3 3.5 4 v d s - volts i d - amperes v gs = 10v 9v 5v 6v 7v 8v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 100 110 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 v d s - volts i d - amperes v gs = 10v 9v 7v 5v 6v 8v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction temperature 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r d s ( o n ) - normalize d i d = 110a i d = 55a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. drain current 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 0 25 50 75 100 125 150 175 200 225 250 i d - amperes r d s ( o n ) - normalize d t j = 25 o c v gs = 10v t j = 175 o c v gs = 15v ixfh 110n10p ixfv110n10p ixfv 110n10ps
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 110n10p ixfv110n10p ixfv 110n10ps fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20406080100120 q g - nanocoulombs v g s - volts v ds = 50v i d = 55a i g = 10ma fig. 7. input admittance 0 25 50 75 100 125 150 175 200 225 250 45 67891011 v g s - volts i d - amperes t j = -40 o c 25 o c 150 o c fig. 8. transconductance 0 10 20 30 40 50 60 70 0 50 100 150 200 250 300 i d - amperes g f s - siemens t j = -40 o c 25 o c 150 o c fig. 9. source current vs. source-to-drain voltage 0 50 100 150 200 250 300 350 0.40.60.8 1 1.21.41.61.8 2 v s d - volts i s - amperes t j = 150 o c t j = 25 o c fig. 12. forw ard-bias safe operating area 10 100 1000 1 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 175 o c t c = 25 o c r ds(on) limit 10ms 25s
? 2006 ixys all rights reserved fig. 13. m axim um trans ie nt the rm al re s is tance 0.01 0.10 1.00 0.1 1 10 100 1000 pu ls e w id th - m illis e c onds r ( t h ) j c - oc / w ixfh 110n10p ixfv110n10p ixfv 110n10ps


▲Up To Search▲   

 
Price & Availability of IXFH110N10P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X